Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP42 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BSP42
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BSP42 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BSP42 Datasheet HTML 1Page - Diotec Semiconductor BSP42 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
4
01.11.2003
4
3
2
1
3
±0.1
6.5
±0.2
0.7
3.25
2.3
1.65
BSP 40 ... BSP 43
Switching Transistors
NPN
Surface mount Si-Epitaxial PlanarTransistors
Si-Epitaxial PlanarTransistoren für die Oberflächenmontage
NPN
Power dissipation – Verlustleistung
1.3 W
Plastic case
SOT-223
Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
1 = B
2, 4 = C
3 = E
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25
/C)
Grenzwerte (T
A = 25
/C)
BSP 40
BSP 41
BSP 42
BSP 43
Collector-Emitter-voltage
B open
V
CE0
60 V
80 V
Collector-Base-voltage
E open
V
CB0
70 V
90 V
Emitter-Base-voltage
C open
V
EB0
5 V
Power dissipation – Verlustleistung
P
tot
1.3 W 1)
Collector current – Kollektorstrom (dc)
I
C
1 A
Peak Collector current – Kollektor-Spitzenstrom
I
CM
2 A
Peak Base current – Basis-Spitzenstrom
I
BM
200 mA
Junction temperature – Sperrschichttemperatur
T
j
150
/C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150
/C
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, VCB = 60 V
I
CB0
–
–
100 nA
I
E = 0, VCB = 60 V, Tj = 150
/CI
CB0
–
–
50
:A
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, VEB = 5 V
I
EB0
–
–
100 nA
Collector saturation volt. – Kollektor-Sättigungsspg. 2)
I
C = 150 mA, IB = 15 mA
V
CEsat
–
–
250 mV
I
C = 500 mA, IB = 50 mA
V
CEsat
–
–
500 mV


Similar Part No. - BSP42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BSP42 STMICROELECTRONICS-BSP42 Datasheet
73Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
Zetex Semiconductors
BSP42 ZETEX-BSP42 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSP42 ZETEX-BSP42 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BSP42

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com