Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSA24 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MSA24
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MSA24 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button MSA24 Datasheet HTML 7Page - National Semiconductor (TI) MSA24 Datasheet HTML 8Page - National Semiconductor (TI) MSA24 Datasheet HTML 9Page - National Semiconductor (TI) MSA24 Datasheet HTML 10Page - National Semiconductor (TI) MSA24 Datasheet HTML 11Page - National Semiconductor (TI) MSA24 Datasheet HTML 12Page - National Semiconductor (TI) MSA24 Datasheet HTML 13Page - National Semiconductor (TI) MSA24 Datasheet HTML 14Page - National Semiconductor (TI) MSA24 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Note 5: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 6: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 7: Two on-chip diodes are tied to each analog input through a series resistor as shown below. Input voltage magnitude up to 5V above VA+ or 5V below GND
will not damage this device. However, errors in the A/D conversion can occur (if these diodes are forward biased by more than 50 mV) if the input voltage magnitude
of selected or unselected analog input go above VA+ or below GND by more than 50 mV. As an example, if VA+ is 4.5 VDC, full-scale input voltage must be ≤4.55
VDC to ensure accurate conversions.
01135402
Note 8: To guarantee accuracy, it is required that the VA+ and VD+ be connected together to the same power supply with separate bypass capacitors at each V
+
pin.
Note 9: With the test condition for VREF (VREF+−VREF−) given as +4.096V, the 12-bit LSB is 1.0 mV and the 8-bit LSB is 16.0 mV.
Note 10: Typicals are at TJ =TA = 25˚C and represent most likely parametric norm.
Note 11: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 12: Positive integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive
full-scale and zero. For negative integral linearity error, the straight line passes through negative full-scale and zero (see Figures 2, 3).
Note 13: Zero error is a measure of the deviation from the mid-scale voltage (a code of zero), expressed in LSB. It is the worst-case value of the code transitions
between 1 to 0 and 0 to +1 (see Figure 4).
Note 14: Total unadjusted error includes offset, full-scale, linearity and multiplexer errors.
Note 15: The DC common-mode error is measured in the differential multiplexer mode with the assigned positive and negative input channels shorted together.
Note 16: Channel leakage current is measured after the channel selection.
Note 17: Timing specifications are tested at the TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge. TRI-STATE output voltage is forced
to 1.4V.
Note 18: The ADC12030 family’s self-calibration technique ensures linearity and offset errors as specified, but noise inherent in the self-calibration process will
result in a maximum repeatability uncertainty of 0.2 LSB.
Note 19: If SCLK and CCLK are driven from the same clock source, then tA is 6, 10, 18 or 34 clock periods minimum and maximum.
Note 20: The “12-Bit Conversion of Offset” and “12-Bit Conversion of Full-Scale” modes are intended to test the functionality of the device. Therefore, the output
data from these modes are not an indication of the accuracy of a conversion result.
01135410
FIGURE 1. Transfer Characteristic
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com