| Electronic Components Datasheet Search |
|
AD7656ABSTZ Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7656ABSTZ Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 28 page ![]() AD7656A Data Sheet The rising edge of CONVST x is used to initiate a conversion on the AD7656A. After the BUSY signal has gone low to indicate that the conversion is complete, the user can begin to read the data from the two devices. Figure 30 shows the serial timing diagram when operating two AD7656A devices in daisy-chain mode. The CS falling edge is used to frame the serial transfer from the AD7656A to take the bus out of three-state and to clock out the MSB of the first conversion result. In the example shown in Figure 30, all 12 ADC channels are simultaneously sampled. Two DOUT x lines are used to read the conversion results in this example. CS frames a 96-SCLK transfer. During the first 48 SCLKs, the conversion data is transferred from Device 2 to Device 1. DOUT A on Device 2 transfers conversion data from V1, V2, and V5 into DCIN A in Device 1. DOUT B on Device 2 transfers conversion results from V3, V4, and V6 to DCIN B in Device 1. During the first 48 SCLKs, Device 1 transfers data into the digital host. DOUT A on Device 1 transfers conversion data from V1, V2, and V5. DOUT B on Device 1 transfers conversion data from V3, V4, and V6. During the last 48-SCLKs, Device 2 clocks out zeros and Device 1 shifts the data clocked in from Device 2 during the first 48 SCLKs into the digital host. This example can also be implemented using six 16-SCLK individually framed transfers if DCEN remains high during the transfers. Figure 31 shows the timing if two AD7656A devices are configured in daisy-chain mode and are operating with three DOUT x lines. Assuming a simultaneous sampling of all 12 inputs occurs, the CS frames a 64-SCLK transfer during the read operation. During the first 32 SCLKs of this transfer, the conversion results from Device 1 are clocked into the digital host, and the conversion results from Device 2 are clocked into Device 1. During the last 32 SCLKs of the transfer, the conversion results from Device 2 are clocked out of Device 1 and into the digital host. Device 2 clocks out zeros. DEVICE 1, DOUT A MSB V1 LSB V1 MSB V2 LSB V2 MSB V5 LSB V5 MSB V1 LSB V1 MSB V2 LSB V5 MSB V1 LSB V1 MSB V2 LSB V2 MSB V5 LSB V5 1 2 3 BUSY SCLK CS 15 16 17 31 32 33 47 48 49 63 65 64 94 95 96 DEVICE 1, DOUT B MSB V3 LSB V3 MSB V4 LSB V4 MSB V6 LSB V6 MSB V3 LSB V3 MSB V4 LSB V6 DEVICE 2, DOUT A MSB V3 LSB V3 MSB V4 LSB V4 MSB V6 LSB V6 DEVICE 2, DOUT B CONVST A, CONVST B, CONVST C Figure 30. Daisy-Chain Serial Interface Timing with Two DOUT x Lines DEVICE 1, DOUT A MSB V1 LSB V1 MSB V2 LSB V2 MSB V1 LSB V1 MSB V2 LSB V2 MSB V1 LSB V1 MSB V2 LSB V2 1 2 3 BUSY SCLK CS 15 16 17 31 32 33 47 48 49 63 64 DEVICE 2, DOUT A MSB V3 LSB V3 MSB V4 LSB V4 DEVICE 2, DOUT B DEVICE 1, DOUT B MSB V3 LSB V3 MSB V4 LSB V4 MSB V3 LSB V3 MSB V4 LSB V4 DEVICE 1, DOUT C MSB V5 LSB V5 MSB V6 LSB V6 MSB V5 LSB V5 MSB V6 LSB V6 MSB V5 LSB V5 MSB V6 LSB V6 DEVICE 2, DOUT C CONVST A, CONVST B, CONVST C Figure 31. Daisy-Chain Serial Interface Timing with Three DOUT x Lines Rev. 0 | Page 22 of 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |