Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8104 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8104
Description  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8104 Datasheet HTML 17Page - Analog Devices AD8104 Datasheet HTML 18Page - Analog Devices AD8104 Datasheet HTML 19Page - Analog Devices AD8104 Datasheet HTML 20Page - Analog Devices AD8104 Datasheet HTML 21Page - Analog Devices AD8104 Datasheet HTML 22Page - Analog Devices AD8104 Datasheet HTML 23Page - Analog Devices AD8104 Datasheet HTML 24Page - Analog Devices AD8104 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 21 of 36
0.20
–0.20
015
TIME (ns)
–0.10
0
0.10
3579
11
13
0.15
–0.15
–0.05
0.05
4
6
8
10
12
14
12
N-CHANNEL
P-CHANNEL
Figure 43. AD8104 Small Signal Pulse Response, Single-Ended, 200 mV p-p
2.0
–2.0
015
TIME (ns)
–1.0
0
1.0
357
9
11
13
1.5
–1.5
–0.5
0.5
4
6
8
10
12
14
12
Figure 44. AD8104 Large Signal Pulse Response, 2 V p-p
1.0
–1.0
015
TIME (ns)
–0.6
0.2
3
579
11
13
0.6
–0.2
0
4
6
8
101214
12
N-CHANNEL
P-CHANNEL
–0.4
0.4
0.8
–0.8
Figure 45. AD8104 Large Signal Pulse Response, Single-Ended, 2 V p-p
1.5
–1.5
–40
120
TIME (ns)
1.0
0.5
0
–0.5
–1.0
3
–3
2
1
0
–1
–2
100
80
60
40
20
0
–20
VOUT
UPDATE
Figure 46. AD8104 Switching Time
2
–4
0
TIME (ns)
1
0
–1
–2
–3
5
4
3
2
1
5000
–1000
4000
3000
2000
1000
0
SLEW RATE
VOUT
Figure 47. AD8104 Large Signal Rising Edge and Slew Rate
2
–4
0
1ns/DIV
1
0
–1
–2
–3
5
4
3
2
1
3500
–2500
2500
1500
500
–500
–1500
SLEW RATE
VOUT
Figure 48. AD8104 Large Signal Falling Edge and Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com