Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGS701AV Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CGS701AV
Description  Commercial, Industrial Low Skew PLL 1 to 8 CMOS Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS701AV Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CGS701AV Datasheet HTML 1Page - National Semiconductor (TI) CGS701AV Datasheet HTML 2Page - National Semiconductor (TI) CGS701AV Datasheet HTML 3Page - National Semiconductor (TI) CGS701AV Datasheet HTML 4Page - National Semiconductor (TI) CGS701AV Datasheet HTML 5Page - National Semiconductor (TI) CGS701AV Datasheet HTML 6Page - National Semiconductor (TI) CGS701AV Datasheet HTML 7Page - National Semiconductor (TI) CGS701AV Datasheet HTML 8Page - National Semiconductor (TI) CGS701AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CGS701A
General Description (Continued)
CLK1SEL pin changes the output frequency of the
CLK1
0 thru CLK1
5 outputs During normal operation
when CLK1SEL pin is high these outputs are at the same
frequency as the input crystal oscillator while CLK2 and
CLK4 outputs are at twice and four times the input frequen-
cy respectively
Once CLK1SEL pin is set to a low logic level the CLK1
outputs will be at twice the input frequency the same as the
CLK2 output with CLK4 output still being at four times the
input frequency
In addition another pin is added for increasing the test ca-
pability SKWSEL pin allows testing of the counter’s output
and skew of the output drivers by bypassing the VCO In this
test mode CLK4 frequency is the same as SKWTST input
frequency while CLK2 is 12 and CLK1 frequencies are 14
respectively (refer to the Truth Table) In addition CLK1SEL
functionality is also true under this test condition
Block Diagram
TLF11920 – 2
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com