Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9613 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9613 Datasheet HTML 18Page - Analog Devices AD9613 Datasheet HTML 19Page - Analog Devices AD9613 Datasheet HTML 20Page - Analog Devices AD9613 Datasheet HTML 21Page - Analog Devices AD9613 Datasheet HTML 22Page - Analog Devices AD9613 Datasheet HTML 23Page - Analog Devices AD9613 Datasheet HTML 24Page - Analog Devices AD9613 Datasheet HTML 25Page - Analog Devices AD9613 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 22 of 36
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 39. Equivalent Analog Input Circuit
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 40. Equivalent Clock lnput Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 41. Equivalent LVDS Output Circuit
SDIO
350Ω
26kΩ
DRVDD
Figure 42. Equivalent SDIO Circuit
SCLK
OR
PDWN
OR OEB
350
Ω
26k
Ω
Figure 43. Equivalent SCLK, PDWN, or OEB Input Circuit
CSB
350
Ω
26
kΩ
AVDD
Figure 44. Equivalent CSB Input Circuit
AVDD
AVDD
16kΩ
0.9V
0.9V
SYNC
Figure 45. Equivalent SYNC Input Circuit
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com