Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9262-5EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9262-5EBZ
Description  16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262-5EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9262-5EBZ Datasheet HTML 9Page - Analog Devices AD9262-5EBZ Datasheet HTML 10Page - Analog Devices AD9262-5EBZ Datasheet HTML 11Page - Analog Devices AD9262-5EBZ Datasheet HTML 12Page - Analog Devices AD9262-5EBZ Datasheet HTML 13Page - Analog Devices AD9262-5EBZ Datasheet HTML 14Page - Analog Devices AD9262-5EBZ Datasheet HTML 15Page - Analog Devices AD9262-5EBZ Datasheet HTML 16Page - Analog Devices AD9262-5EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9262
Rev. A | Page 13 of 32
0
20
40
60
80
100
120
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
SNR (dB)
Figure 22. AD9262BCPZ-10 Single-Tone SNR/SFDR vs. Input Amplitude
with fIN = 2.4 MHz
–120
–100
–80
–60
–40
–20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 23. AD9262BCPZ-10 Two-Tone SFDR/IMD3 vs. Input Amplitude
with fIN1 = 2.1 MHz, fIN2 = 2.4 MHz
82
83
84
85
86
87
88
89
0
20
40
60
80
100
120
140
160
180
OUTPUT DATA RATE (MSPS)
SFDR (dBc)
SNR (dB)
Figure 24. AD9262BCPZ-10 SNR/SFDR vs. Output Data Rate with fIN = 2.4 MHz
80
85
90
95
100
105
110
01
23
45
67
89
10
FREQUENCY (MHz)
SNR (dB)
SFDR (dBc)
Figure 25. AD9262BCPZ-10 SNR/SFDR vs. Input Frequency
81
82
83
84
85
86
87
88
89
90
91
92
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
1.9 V
1.8V
1.7V
SFDR
SNR
1.9V
1.8V
1.7V
Figure 26. AD9262BCPZ-10 SFDR/SNR vs. Temperature with fIN = 2.4 MHz
82.0
82.2
82.4
82.6
82.8
83.0
83.2
83.4
83.6
83.8
84.0
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
COMMON-MODE VOLTAGE (V)
Figure 27. AD9262BCPZ-10 SNR vs. Input Common-Mode Voltage
with fIN = 2.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com