Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9684 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices AD9684 Datasheet HTML 32Page - Analog Devices AD9684 Datasheet HTML 33Page - Analog Devices AD9684 Datasheet HTML 34Page - Analog Devices AD9684 Datasheet HTML 35Page - Analog Devices AD9684 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9684
Data Sheet
Rev. 0 | Page 32 of 64
NCO
+
MIXER
(OPTIONAL)
DDC 3
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 6
Q CONVERTER 7
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 0
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 0
Q CONVERTER 1
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 1
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 2
Q CONVERTER 3
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 2
SYNC±
REAL/I
REAL/Q
REAL/I
CONVERTER 4
Q CONVERTER 5
I
Q
ADC
SAMPLING
AT
fS
REAL/I
ADC
SAMPLING
AT
fS
REAL/I
SYNCHRONIZATION
CONTROL CIRCUITS
SYNC±
Figure 58. DDC Detailed Block Diagram
Figure 59 shows an example usage of one of the four DDC
blocks with a real input signal and four half-band filters (HB4 +
HB3 + HB2 + HB1). It shows both complex (decimate by 16)
and real (decimate by 8) output options.
When DDCs have different decimation ratios, the chip decimation
ratio (Register 0x201) must be set to the lowest decimation ratio
for all the DDC blocks. In this scenario, samples of higher decima-
tion ratio DDCs are repeated to match the chip decimation ratio
sample rate. Whenever the NCO frequency is set or changed,
the DDC soft reset must be issued. If the DDC soft reset is not
issued, the output may potentially show amplitude variations.
Table 10 through Table 15 show the DDC samples when the
chip decimation ratio is set to 1, 2, 4, 8, or 16, respectively.
When DDCs have different decimation ratios, the chip
decimation ratio must be set to the lowest decimation ratio of
all the DDC channels. In this scenario, samples of higher
decimation ratio DDCs are repeated to match the chip
decimation ratio sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com