Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3150ARSZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADuM3150ARSZ
Description  3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3150ARSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADuM3150ARSZ Datasheet HTML 12Page - Analog Devices ADuM3150ARSZ Datasheet HTML 13Page - Analog Devices ADuM3150ARSZ Datasheet HTML 14Page - Analog Devices ADuM3150ARSZ Datasheet HTML 15Page - Analog Devices ADuM3150ARSZ Datasheet HTML 16Page - Analog Devices ADuM3150ARSZ Datasheet HTML 17Page - Analog Devices ADuM3150ARSZ Datasheet HTML 18Page - Analog Devices ADuM3150ARSZ Datasheet HTML 19Page - Analog Devices ADuM3150ARSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADuM3150
Data Sheet
APPLICATIONS INFORMATION
INTRODUCTION
The ADuM3150 is part of a family of devices created to optimize
isolation of SPI for speed and provide additional low speed
channels for control and status monitoring functions. The
isolators are based on differential signaling iCoupler technology
for enhanced speed and noise immunity.
High Speed Channels
The ADuM3150 has four high speed channels. The first three,
CLK, MI/SO, and MO/SI (the slash indicates the connection of
the particular input and output, forming a datapath across the
isolator that corresponds to an SPI bus signal), are optimized
for either low propagation delay in the B grade, or high noise
immunity in the A grade. The difference between the grades is
the addition of a glitch filter to these three channels in the A
grade version, which increases propagation delay. The B grade
version, with a maximum propagation delay of 14 ns, supports a
maximum clock rate of 17 MHz in a standard 4-wire SPI.
However, because the glitch filter is not present in the B grade
version, ensure that spurious glitches of less than 10 ns are not
present.
Glitches of less than 10 ns in the B grade devices can cause the
second edge of the glitch to be missed. This pulse condition is
seen as a spurious data transition on the output that is corrected
by a refresh or the next valid data edge. It is recommended to
use A grade devices in noisy environments.
The relationship between the SPI signal paths and the pin
mnemonics of the ADuM3150 and data directions is
summarized in Table 19.
Table 19. Pin Mnemonic Correspondence to SPI Signal Path
Names
SPI Signal Path
Master
Side 1
Data
Direction
Slave
Side 2
CLK
MCLK
→
SCLK
MO/SI
MO
→
SI
MI/SO
MI
←
SO
SS
MSS
→
SSS
The datapaths are SPI mode agnostic. The CLK and MO/SI SPI
datapaths are optimized for propagation delay and channel-to-
channel matching. The MI/SO SPI datapath is optimized for
propagation delay. The device does not synchronize to the clock
channel, so there are no constraints on the clock polarity or the
timing with respect to the data lines. To allow compatibility
with nonstandard SPI interfaces, the MI pin is always active,
and does not tristate when the slave select is not asserted. This
precludes tying several MI lines together without adding a
tristate buffer or multiplexor.
The SS (slave select bar) is typically an active low signal. It can
have many different functions in SPI and SPI like busses. Many
of these functions are edge triggered; therefore, the SS path
contains a glitch filter in both the A grade and the B grade. The
glitch filter prevents short pulses from propagating to the output
or causing other errors in operation. The MSS signal requires a
10 ns setup time in the B grade prior to the first active clock
edge to allow for the added propagation time of the glitch filter.
Low Speed Data Channels
The low speed data channels are provided as economical
isolated datapaths where timing is not critical. The dc value of
all high and low speed inputs on a given side of the device is
sampled simultaneously, packetized, and shifted across an
isolation coil. The high speed channels are compared for dc
accuracy, and the low speed data is transferred to the appropriate
low speed outputs. The process is then reversed by reading the
inputs on the opposite side of the device, packetizing them, and
sending them back for similar processing. The dc correctness
data for the high speed channels is handled internally, and the
low speed data is clocked to the outputs simultaneously.
This bidirectional data shuttling is regulated by a free running
internal clock. Because data is sampled at discrete times based
on this clock, the propagation delay for a low speed channel is
between 400 ns and 1.7 µs depending on where the input data
edge changes with respect to the internal sample clock.
Figure 10 illustrates the behavior of the low speed channels.
•
Point A: The data may change as much as 2.5 µs before it is
sampled, then it takes about 100 ns to propagate to the
output. This appears as 2.5 μs of uncertainty in the
propagation delay time.
•
Point B: Data pulses that are less than the minimum low
speed pulse width may not be transmitted at all because
they may not be sampled.
INPUT A
OUTPUT A
SAMPLE CLOCK
OUTPUT CLOCK
A
B
A
B
Figure 10. Low Speed Channel Timing
Rev. A | Page 16 of 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com