| Electronic Components Datasheet Search |
|
ADuM1241ARSZ Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADuM1241ARSZ Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 24 page ![]() Data Sheet ADuM1240/ADuM1241/ADuM1245/ADuM1246 TRUTH TABLES Table 22 provides the truth table (positive logic) for the ADuM1240 and the ADuM1241, and Table 23 provides the truth table (positive logic) for the ADuM1245 and the ADuM1246. For a description of the abbreviations used in the truth tables, see Table 21. Table 21. Truth Table Abbreviations Letter Description H High level L Low level ↑ Rising data transition ↓ Falling data transition X Irrelevant QO Level of VOX prior to levels being established Z High impedance Table 22. ADuM1240/ADuM1241 Truth Table (Positive Logic)1, 2, 3 VIx Input VDDI State VDDO State ENx State VOx Output Description H Powered Powered L H Normal operation; data is high and refresh is enabled. L Powered Powered L L Normal operation; data is low and refresh is enabled. X Unpowered Powered L H Input unpowered. Outputs are in the default high state. Outputs return to the input state within 150 µs of VDDI power restoration. See the pin function descriptions (Table 19 and Table 20) for details. X Unpowered Powered H QO Input unpowered. Outputs are static at the level that was last sent from the input or at the power-up level. See the pin function descriptions (Table 19 and Table 20) for details. ↑ Powered Powered H H Output is high after propagation delay, refresh is disabled. ↓ Powered Powered H L Output is low after propagation delay, refresh is disabled. X Powered Unpowered X Z Output unpowered. Output pins are in high impedance state. Outputs return to the input state within 150 µs of VDDO power restoration. See the pin function descriptions (Table 19 and Table 20) for details. 1 VIx and VOx refer to the input and output signals of a given channel (A, B, C, or D). 2 VDDI refers to the power supply on the input side of a given channel (A, B, C, or D). 3 VDDO refers to the power supply on the output side of a given channel (A, B, C, or D). Table 23. ADuM1245/ADuM1246 Truth Table (Positive Logic)1, 2, 3 VIx Input VDDI State VDDO State ENx State VOx Output Description H Powered Powered L H Normal operation; data is high and refresh is enabled. L Powered Powered L L Normal operation; data is low and refresh is enabled. X Unpowered Powered L L Input unpowered. Outputs are in the default low state. Outputs return to the input state within 150 µs of VDDI power restoration. See the pin function descriptions (Table 19 and Table 20) for details. X Unpowered Powered H QO Input unpowered. Outputs are static at the level that was last sent from the input or at the power-up level. See the pin function descriptions (Table 19 and Table 20) for details. ↑ Powered Powered H H Output is high, refresh is disabled. ↓ Powered Powered H L Output is low, refresh is disabled. X Powered Unpowered X Z Output unpowered. Output pins are in high impedance state. Outputs return to input state within 150 µs of VDDO power restoration. See the pin function descriptions (Table 19 and Table 20) for details. 1 VIx and VOx refer to the input and output signals of a given channel (A, B, C, or D). 2 VDDI refers to the power supply on the input side of a given channel (A, B, C, or D). 3 VDDO refers to the power supply on the output side of a given channel (A, B, C, or D). Rev. A | Page 13 of 24 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |