Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1245ARSZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM1245ARSZ
Description  Micropower, Dual-Channel Digital Isolators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1245ARSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM1245ARSZ Datasheet HTML 4Page - Analog Devices ADuM1245ARSZ Datasheet HTML 5Page - Analog Devices ADuM1245ARSZ Datasheet HTML 6Page - Analog Devices ADuM1245ARSZ Datasheet HTML 7Page - Analog Devices ADuM1245ARSZ Datasheet HTML 8Page - Analog Devices ADuM1245ARSZ Datasheet HTML 9Page - Analog Devices ADuM1245ARSZ Datasheet HTML 10Page - Analog Devices ADuM1245ARSZ Datasheet HTML 11Page - Analog Devices ADuM1245ARSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADuM1240/ADuM1241/ADuM1245/ADuM1246
Data Sheet
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 13.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
(8-Lead SOIC)
3000
V rms
1 minute duration
Rated Dielectric Insulation Voltage
(20-Lead SSOP)
3750
V rms
1 minute duration
Minimum External Tracking and Air Gap,
8-Lead SOIC (Creepage and Clearance)
L(I02)
4
mm min
Measured from input terminals to output terminals,
shortest distance path along package body
Minimum Clearance in the Plane of the
Printed Circuit Board, 8-Lead SOIC (PCB
Clearance)
L(I01)
4.5
mm min
Measured from input terminals to output terminals, shortest
distance through air, line of sight, in the PCB mounting plane
Minimum Clearance in the Plane of the
Printed Circuit Board, 20-Lead SSOP
(PCB Clearance)
L(I01)
5.1
mm min
Measured from input terminals to output terminals,
shortest distance path along package body
Minimum Clearance in the Plane of the
Printed Circuit Board, 20-Lead SSOP
(PCB Clearance)
L(I02)
5.1
mm min
Measured from input terminals to output terminals, shortest
distance through air, line of sight, in the PCB mounting plane
Minimum Internal Gap (Internal
Clearance)
0.017
mm min
Insulation distance through insulation
Tracking Resistance (Comparative
Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation within the safety limit data only. Maintenance of the safety data is ensured by
protective circuits. The asterisk (*) marked on packages denotes DIN V VDE V 0884-10 approval.
Table 14. 8-Lead SOIC (R-8)
Parameter
Symbol
Test Conditions/Comments
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
560
VPEAK
Input to Output Test Voltage, Method b1
Vpd(m)
VIORM × 1.875 = Vpd(m), 100% production test,
tini = tm = one second, partial discharge < 5 pC
1050
VPEAK
Input to Output Test Voltage, Method a
After Environmental Tests Subgroup 1
Vpd(m)
VIORM × 1.5 = Vpd(m), tini = 60 seconds, tm = 10 seconds,
partial discharge < 5 pC
840
VPEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
Vpd(m)
VIORM × 1.2 = Vpd(m), tini = 60 seconds, tm = 10 seconds,
partial discharge < 5 pC
672
VPEAK
Highest Allowable Overvoltage
VIOTM
3500
VPEAK
Surge Isolation Voltage
VIOSM
VPEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
4000
VPEAK
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 4)
Case Temperature
TS
150
°C
Total Power Dissipation at 25°C
IS1
1.64
W
Insulation Resistance at TS
RS
VIO = 500 V
>109
Ω
Rev. A | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com