Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY4 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BY4
Description  Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY4 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BY4 Datasheet HTML 1Page - Diotec Semiconductor BY4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
64
28.02.2002
BY 251 … BY 255, BY 1600 … BY 2000
Silicon Rectifiers
Silizium Gleichrichter
Nominal current – Nennstrom
3 A
Repetitive peak reverse voltage
200…2000 V
Periodische Spitzensperrspannung
Plastic case
~ DO-201
Kunststoffgehäuse
Weight approx. – Gewicht ca.
1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
BY 251
200
200
BY 252
400
400
BY 253
600
600
BY 254
800
800
BY 255
1300
1300
BY 1600
1600
1600
BY 1800
1800
1800
BY 2000
2000
2000
higher voltages see page 191:
höhere Spannungen siehe Seite 191:
BY 4...BY 16
4000...16000
4000...16000
Max. average forward rectified current, R-load
T
A = 50
/CI
FAV
3 A 1)
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
20 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
100 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
50 A2s
Ø
±0.1
4.5
Ø
±0.05
1.2


Similar Part No. - BY4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY4 DIOTEC-BY4 Datasheet
110Kb / 1P
High Voltage Si-Rectifiers
logo
Semikron International
BY4 SEMIKRON-BY4 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BY4 DIOTEC-BY4 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY4 TAYCHIPST-BY4 Datasheet
1Mb / 2P
High Voltage Silicon Rectifier Diodes
More results

Similar Description - BY4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com