Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13N50 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 13N50
Description  Drain Current ID= 13A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

13N50 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  13N50 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 13N50 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc websit
e:
www.iscsemi.com
isc
& iscsemi is registered trademark
1
isc
N-Channel Mosfet Transistor
13N50
·
·
·
·FEATURES
·Drain Current ID= 13A@ TC=25℃
·Drain Source Voltage-
: VDSS= 500V(Min)
·Low ON Resistance RDS(on) = 0.48Ω(Max)
·Fast Switching
·
·
·
·DESCRITION
·High efficiency switch mode power supply
·Power factor correction
·Electronic lamp ballast
·
·
·
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃
℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage-Continuous
±30
V
ID
Drain Current-Continuous
13
A
IDM
Drain Current-Single Plused
52
A
PD
Power Dissipation
195
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature
range
-55~150
·
·
·
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.64
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W


Similar Part No. - 13N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50 UTC-13N50 Datasheet
167Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
178Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
DONGGUAN YOU FENG WEI E...
13N50A YFWDIODE-13N50A Datasheet
849Kb / 5P
13A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
13n50c FAIRCHILD-13n50c Datasheet
647Kb / 9P
500V N-Channel MOSFET
More results

Similar Description - 13N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
7N80 ISC-7N80 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
1N60A ISC-1N60A Datasheet
67Kb / 2P
Drain Current ID= 1.0A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2SK1013 ISC-2SK1013 Datasheet
69Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1607 ISC-2SK1607 Datasheet
67Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1610 ISC-2SK1610 Datasheet
67Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1652 ISC-2SK1652 Datasheet
69Kb / 2P
Drain Current ?밒D=13A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com