Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB612 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB612
Description  Complement to Type 2SD582
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB612 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB612 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB612 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
1
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistors
2SB612
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -140V(Min)
·High Power Dissipation-
: PC= 100W(Max)@TC=25℃
·Complement to Type 2SD582
APPLICATIONS
·Recommended for 80~100W audio amplifier output stage.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-180
V
VCEO
Collector-Emitter Voltage
-140
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-12
A
ICM
Collector Current-Peak
-15
A
IB
Collector Current-Continuous
-2
A
PC
Collector Power Dissipation
@TC=25℃
100
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150


Similar Part No. - 2SB612

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB612 NJSEMI-2SB612 Datasheet
126Kb / 2P
Silicon PNP Power Transistors
More results

Similar Description - 2SB612

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
Complement to Type 2SC3182
2SA1263 ISC-2SA1263 Datasheet
111Kb / 2P
Complement to Type 2SC3180
2SA1964 ISC-2SA1964 Datasheet
105Kb / 2P
Complement to Type 2SC5248
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
Complement to Type 2SC4159
2SB1038 ISC-2SB1038 Datasheet
111Kb / 2P
Complement to Type 2SD1310
2SB989 ISC-2SB989 Datasheet
110Kb / 2P
Complement to Type 2SD1352
2SB692 ISC-2SB692 Datasheet
90Kb / 2P
Complement to Type 2SD728
2SB1031 ISC-2SB1031 Datasheet
88Kb / 2P
Complement to Type 2SD1435
2SC3789 ISC-2SC3789 Datasheet
185Kb / 2P
Complement to Type 2SA1479
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
Complement to Type 2SB1143
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com