Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLS245 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # RLS245
Description  Silicon Epitaxial Planar High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLS245 Datasheet(HTML) 1 Page - Nanjing International Group Co

  RLS245 Datasheet HTML 1Page - Nanjing International Group Co RLS245 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Epitaxial Planar High Voltage Switching Diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
250
V
Reverse Voltage
VR
220
V
Average Rectified Forward Current
IF(AV)
200
mA
Maximum Forward Current
IFM
625
mA
Surge Forward Current at t < 1 s and Tj = 25
oC
IFSM
1000
mA
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 200 mA
VF
-
1.5
V
Leakage Current
at VR = 220 V
IR
-
10
μA
Reverse Breakdown Voltage
at IR = 100 μA
VBR
250
-
V
Capacitance
at VF = VR = 0, f = 1 MHz
Ctot
-
3
pF
Reverse Recovery Time
from IF = IR = 20 mA
trr
-
75
ns
LL-34
RLS245
!
!
!


Similar Part No. - RLS245

ManufacturerPart #DatasheetDescription
logo
Rohm
RLS245 ROHM-RLS245 Datasheet
56Kb / 2P
Switching diode
logo
Semtech Corporation
RLS245 SEMTECH-RLS245 Datasheet
62Kb / 1P
Silicon Expitaxial Planar Diode?
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
Surface Mount High-Voltage Switching Diode
logo
Rohm
RLS245 ROHM-RLS245 Datasheet
151Kb / 3P
Leadless high voltage switching diode
logo
SEMTECH ELECTRONICS LTD...
RLS245 SEMTECH_ELEC-RLS245 Datasheet
347Kb / 1P
Silicon Epitaxial Planar Diode
More results

Similar Description - RLS245

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSS81 HITACHI-HSS81 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 HITACHI-HSS82 Datasheet
26Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
KEC(Korea Electronics)
KDS135 KEC-KDS135 Datasheet
69Kb / 2P
SILICON EPITAXIAL PLANAR DIODE (HIGH VOLTAGE SWITCHING)
logo
Renesas Technology Corp
1SS81 RENESAS-1SS81 Datasheet
138Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSB83YP RENESAS-HSB83YP Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSS82 RENESAS-HSS82 Datasheet
144Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
HSK83 RENESAS-HSK83 Datasheet
52Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
RKH0160AKU RENESAS-RKH0160AKU Datasheet
84Kb / 8P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
AiT Semiconductor Inc.
BAV19WS AITSEMI-BAV19WS Datasheet
618Kb / 5P
SWITCHING DIODE SILICON EPITAXIAL PLANAR HIGH VOLTAGE DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com