Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4053BM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4053BM
Description  Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4053BM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4053BM Datasheet HTML 1Page - National Semiconductor (TI) CD4053BM Datasheet HTML 2Page - National Semiconductor (TI) CD4053BM Datasheet HTML 3Page - National Semiconductor (TI) CD4053BM Datasheet HTML 4Page - National Semiconductor (TI) CD4053BM Datasheet HTML 5Page - National Semiconductor (TI) CD4053BM Datasheet HTML 6Page - National Semiconductor (TI) CD4053BM Datasheet HTML 7Page - National Semiconductor (TI) CD4053BM Datasheet HTML 8Page - National Semiconductor (TI) CD4053BM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 VDC to a18 VDC
Input Voltage (VIN)
b
05 VDC to VDDa05 VDC
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temp (TL) (soldering 10 sec)
260 C
Recommended Operating
Conditions
DC Supply Voltage (VDD)
a
5VDC to a15 VDC
Input Voltage (VIN)
0VtoVDD VDC
Operating Temperature Range (TA)
4051BM4052BM4053BM
b
55 Cto a125 C
4051BC4052BC4053BC
b
40 Cto a85 C
DC Electrical Characteristics (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDDe5V
5
5
150
m
A
VDDe10V
10
10
300
m
A
VDDe15V
20
20
600
m
A
Signal Inputs (VIS) and Outputs (VOS)
RON
‘‘ON’’ Resistance (Peak
RLe10 kX
VDDe25V
for VEEsVISsVDD)
(any channel
VEEeb25V
800
270
1050
1300
X
selected)
or VDDe5V
VEEe0V
VDDe5V
VEEeb5V
310
120
400
550
X
or VDDe10V
VEEe0V
VDDe75V
VEEeb75V
200
80
240
320
X
or VDDe15V
VEEe0V
D
RON
D
‘‘ON’’ Resistance
RLe10 kX
VDDe25V
Between Any Two
(any channel
VEEeb25V
10
X
Channels
selected)
or VDDe5V
VEEe0V
VDDe5V
VEEeb5V
10
X
or VDDe10V
VEEe0V
VDDe75V
VEEeb75V
5
X
or VDDe15V
VEEe0V
‘‘OFF’’ Channel Leakage
VDDe75V
VEEeb75V
Current any channel
OIe g75V IOe0V
g
50
g
001
g
50
g
500
nA
‘‘OFF’’
‘‘OFF’’ Channel Leakage
Inhibite75V
CD4051
g
200
g
008
g
200
g
2000
nA
Current all channels
VDDe75V
‘‘OFF’’ (Common
VEEeb75V
CD4052
g
200
g
004
g
200
g
2000
nA
OUTIN)
OIe0V
IOe g75V
CD4053
g
200
g
002
g
200
g
2000
nA
Control Inputs A B C and Inhibit
VIL
Low Level Input Voltage
VEEeVSS RLe1kX to VSS
IISk2 mA on all OFF channels
VISeVDD thru 1 kX
VDDe5V
15
15
15
V
VDDe10V
30
30
30
V
VDDe15V
40
40
40
V
VIH
High Level Input Voltage
VDDe5
35
35
35
V
VDDe10
7
7
7
V
VDDe15
11
11
11
V
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
All voltages measured with respect to VSS unless otherwise specified
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com