Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF166 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SF166
Description  16.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SF166 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SF166 Datasheet HTML 1Page - Nanjing International Group Co SF166 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=125 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
16.0
125
10
500
50
-65
+150
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SF161
SF168
THRU
16.0 Amperes
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Good for switching mode application
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
TO-220
Dimensions in inches and (millimeters)
.412
.248
.180
.050
.120
.158
.595
.550
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
φ
+
PIN 1
PIN 1
PIN 3
PIN 3
PIN 2
PIN 2
CASE
CASE
Positive CT
Suffix "C"
Negative CT
Suffix "A"
VOLTAGE RANGE
50 to 600 Volts
CURRENT
SF161 SF162 SF163 SF164 SF165 SF166 SF168 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.30
1.70
35
50
Operating and Storage Temperature Range T , T
J
STG
C
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - SF166

ManufacturerPart #DatasheetDescription
logo
Bytes
SF166 BYTES-SF166 Datasheet
167Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF166 DCCOM-SF166 Datasheet
535Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF166 FORMOSA-SF166 Datasheet
41Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF166 UNIOHM-SF166 Datasheet
75Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Chongqing Pingwei Enter...
SF166 CHONGQING-SF166 Datasheet
44Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF166

ManufacturerPart #DatasheetDescription
logo
Bytes
FR1601 BYTES-FR1601 Datasheet
160Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
SF161 BYTES-SF161 Datasheet
167Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
FR1601 FORMOSA-FR1601 Datasheet
37Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
SF161 FORMOSA-SF161 Datasheet
41Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
FR1601 UNIOHM-FR1601 Datasheet
71Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
SF161 UNIOHM-SF161 Datasheet
75Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF161CT GWSEMI-SF161CT Datasheet
76Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
SFF161CT GWSEMI-SFF161CT Datasheet
76Kb / 2P
16.0 AMP SUPER FAST RECTIFIERS
FR1601CT GWSEMI-FR1601CT Datasheet
71Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1605-2C16A-2CTO-220AB DGNJDZ-FR1605-2C16A-2CTO-220AB Datasheet
213Kb / 2P
16.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com