Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLS6045EX-R47N Datasheet(PDF) 7 Page - TDK Electronics

Part # VLS6045EX-R47N
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS6045EX-R47N Datasheet(HTML) 7 Page - TDK Electronics

  VLS6045EX-R47N Datasheet HTML 1Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 2Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 3Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 4Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 5Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 6Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 7Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 8Page - TDK Electronics VLS6045EX-R47N Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vls6045ex_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLS6045EX Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies, Inc. (formerly Hewlett-Packard)
0.1
1
10
1000
100
0.01
0.1
1
10
100
Frequency(MHz)
221M
151M
101M
680M
470M
330M
220M
150M
100M
6R8M
4R7M
3R3N
2R2N
1R5N
1R0N
R47N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com