Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLP8040T-331M Datasheet(PDF) 7 Page - TDK Electronics

Part # VLP8040T-331M
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLP8040T-331M Datasheet(HTML) 7 Page - TDK Electronics

  VLP8040T-331M Datasheet HTML 1Page - TDK Electronics VLP8040T-331M Datasheet HTML 2Page - TDK Electronics VLP8040T-331M Datasheet HTML 3Page - TDK Electronics VLP8040T-331M Datasheet HTML 4Page - TDK Electronics VLP8040T-331M Datasheet HTML 5Page - TDK Electronics VLP8040T-331M Datasheet HTML 6Page - TDK Electronics VLP8040T-331M Datasheet HTML 7Page - TDK Electronics VLP8040T-331M Datasheet HTML 8Page - TDK Electronics VLP8040T-331M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160128 / inductor_commercial_power_vlp8040_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
*
VLP8040 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
10000
100
1000
0.01
0.1
1
10
100
Frequency(MHz)
100M
6R8M
4R7M
3R3N
150M
2R2N
1R5N
1R0N
220M
330M
470M
680M
101M
151M
221M
331M
681M
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com