Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT1210 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACT1210
Description  Common Mode Filters For automobile signal line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT1210 Datasheet(HTML) 3 Page - TDK Electronics

  ACT1210 Datasheet HTML 1Page - TDK Electronics ACT1210 Datasheet HTML 2Page - TDK Electronics ACT1210 Datasheet HTML 3Page - TDK Electronics ACT1210 Datasheet HTML 4Page - TDK Electronics ACT1210 Datasheet HTML 5Page - TDK Electronics ACT1210 Datasheet HTML 6Page - TDK Electronics ACT1210 Datasheet HTML 7Page - TDK Electronics ACT1210 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(3/8)
20151227 / cmf_automotive_signal_act1210_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
Common Mode Filters
For automobile signal line
FEATURES
Compact products (3225 size), whose characteristics are equivalent to that of conventional products (ACT45B, ACT45R).
Common mode filters for CAN-BUS/FlexRay, compatible with an operating temperature range of –55 to +150°C.
APPLICATION
CAN-BUS, FlexRay system.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Overview of ACT1210 Type
ACT1210
-
110
-
2P
-
TL
00
Series • Type name
Inductance(typ.)
Number of lines
Packaging style
Internal code
(μH)
110
11
2P
2 lines
TL
ø330mm reel
00
220
22
510
51
101
100
Type
Temperature range
Package quantity
Individual weight
Operating temperature
(°C)
(pieces/reel)
(g)
ACT1210
–55 to +150
6,000
0.075
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
AEC-Q200
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com