Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP281 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # TLP281
Description  Half Pitch 1.27mm
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP281 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  TLP281 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 2Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 3Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 4Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 5Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 6Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 7Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 8Page - ISOCOM COMPONENTS TLP281 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 15/11/2013
DC93174
IS3H7
ISOCOM
COMPONENTS
DESCRIPTION
The IS3H7 series optocoupler consists of an
infrared emitting diode optically coupled to an
NPN silicon photo transistor.
This device belongs to Isocom Compact Range of
Optocouplers.
FEATURES
•
Half Pitch 1.27mm
•
High AC Isolation voltage 3750VRMS
•
CTR Selections Available
•
Wide Operating Temperature Range
-55°C to 110°C
•
Pb Free and RoHS Compliant
•
UL Approval E91231, Model THP
APPLICATIONS
•
Switching Mode Power Supply
•
Industrial System Controllers
•
Measuring Instruments
•
Signal Transmission between Systems of
Different Potentials and Impedances
ORDER INFORMATION
•
Available in Tape and Reel with 1000pcs
per reel
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail: sales@isocom.com.hk
All dimensions in mm.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
50mA
Reverse Voltage
6V
Power dissipation
70mW
Output Transistor
Collector to Emitter Voltage BVCEO
80V
Emitter to Collector Voltage BVECO
7V
Collector Current
50mA
Power Dissipation
150mW
Total Package
Isolation Voltage
3750VRMS
Total Power Dissipation
200mW
Operating Temperature
-55 to 110 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
1
2
4
3


Similar Part No. - TLP281

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
27-Jun-2002
TLP281 TOSHIBA-TLP281 Datasheet
207Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
27-Jun-2002
TLP281 TOSHIBA-TLP281 Datasheet
271Kb / 8P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
260Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

Similar Description - TLP281

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
1.27mm Pitch Connector
logo
Molex Electronics Ltd.
0459710363 MOLEX6-0459710363 Datasheet
1Mb / 12P
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle
0459703313 MOLEX6-0459703313 Datasheet
1Mb / 12P
1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug
logo
ISOCOM COMPONENTS
IS3H7 ISOCOM-IS3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
PC3H7 ISOCOM-PC3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
PS2801 ISOCOM-PS2801 Datasheet
1Mb / 10P
Half Pitch 1.27mm
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
Half Pitch 1.27mm
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
IS280 ISOCOM-IS280 Datasheet
637Kb / 10P
Half Pitch 1.27mm
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com