Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4051 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4051
Description  Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4051 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CD4051 Datasheet HTML 2Page - National Semiconductor (TI) CD4051 Datasheet HTML 3Page - National Semiconductor (TI) CD4051 Datasheet HTML 4Page - National Semiconductor (TI) CD4051 Datasheet HTML 5Page - National Semiconductor (TI) CD4051 Datasheet HTML 6Page - National Semiconductor (TI) CD4051 Datasheet HTML 7Page - National Semiconductor (TI) CD4051 Datasheet HTML 8Page - National Semiconductor (TI) CD4051 Datasheet HTML 9Page - National Semiconductor (TI) CD4051 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Special Considerations
In certain applications the external load-resistor current may
include both VDD and signal-line components To avoid
drawing VDD current when switch current flows into INOUT
pin the voltage drop across the bidirectional switch must
not exceed 06V at TAs 25 C or 04V at TAl25 C (calcu-
lated from RON values shown) No VDD current will flow
through RL if the switch current flows into OUTIN pin
Typical Performance Characteristics
‘‘ON’’ Resistance vs Signal
Voltage for TAe25 C
‘‘ON’’ Resistance as a
Function of Temperature for
VDDbVEEe10V
‘‘ON’’ Resistance as a
Function of Temperature for
VDDbVEEe15V
‘‘ON’’ Resistance as a
Function of Temperature for
VDDbVEEe5V
TLF5662 – 5
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com