Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC584-ENG Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-SC584-ENG
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC584-ENG Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-SC584-ENG Datasheet HTML 9Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 10Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 11Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 12Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 13Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 14Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 15Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 16Page - Analog Devices ADSP-SC584-ENG Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 13 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
Memory DMA (MDMA)
The processor supports various memory-to-memory DMA
operations which include:
• Standard bandwidth MDMA channels with CRC protec-
tion (32-bit bus width, run on SCLK0)
• Enhanced bandwidth MDMA channel (32-bit bus width,
runs on SYSCLK)
• Maximum bandwidth MDMA channels (64-bit bus width,
run on SYCLK, one channel may be assigned to the FFT
accelerator)
Extended Memory DMA
Extended memory DMA supports various operating modes
such as delay line (allows processor reads and writes to external
delay line buffers and hence to external memory) with limited
core interaction and scatter/gather DMA (writes to/from non-
contiguous memory blocks).
CRC Protection
The CRC protection modules allow system software to calculate
the signature of code or data or both in memory, the content of
memory-mapped registers, or communication message objects
periodically. Dedicated hardware circuitry compares the signa-
ture with pre calculated values and triggers appropriate fault
events.
For example, every 100 ms the system software initiates the sig-
nature calculation of the entire memory contents and compares
these contents with expected, pre calculated values. If a mis-
match occurs, a fault condition is generated (through the
processor core or the trigger routing unit).
The CRC is a hardware module based on a CRC32 engine that
computes the CRC value of the 32-bit data words presented to
it. The source channel of the memory-to-memory DMA (in
memory scan mode) provides data. The data forwards option-
ally to the destination channel (memory transfer mode). The
main features of the CRC peripheral are:
•Memory scan mode
• Memory transfer mode
•Data verify mode
• Data fill mode
• User-programmable CRC32 polynomial
• Bit/byte mirroring option (endianness)
• Fault/error interrupt mechanisms
• 1D and 2D fill block to initialize array with constants
• 32-bit CRC signature of a block of a memory or MMR
block
Event Handling
The processors provide event handling that supports both nest-
ing and prioritization. Nesting allows multiple event service
routines to be active simultaneously. Prioritization ensures that
servicing of a higher-priority event takes precedence over ser-
vicing of a lower-priority event. The processors provide support
for five different types of events:
• Emulation: An emulation event causes the processors to
enter emulation mode, allowing command and control of
the processors through the JTAG interface.
• Reset: This event resets the processors.
• Exceptions: Events that occur synchronously to program
flow (in other words, the exception is taken before the
instruction is allowed to complete). Conditions triggered
on the one side by the SHARC+ core, such as data align-
ment (SIMD/long word) or compute violations (fixed or
floating point), and illegal instructions cause core excep-
tions. Conditions triggered on the other side by the SEC,
such as ECC/parity/watchdog/system clock, cause system
exceptions.
• Interrupts: Events that occur asynchronously to program
flow. They are caused by input signals, timers, and other
peripherals, as well as by an explicit software instruction.
System Event Controller (SEC)
Both SHARC+ cores feature a system event controller. System
event controller features include the following:
• Comprehensive system event source management includ-
ing interrupt enable, fault enable, priority, core mapping
and source grouping
• Distributed programming model where each system event
source control and all status fields are independent of all
others
• Determinism where all system events have the same propa-
gation delay and provide unique identification of a specific
system event source
• Slave Control Port which provides access to all SEC regis-
ters for configuration, status, and interrupt/fault service
model
• Global locking supports a register level protection model to
prevent writes to “locked” registers
• Fault management including fault action configuration,
time out, external indication, and system reset
Trigger Routing Unit (TRU)
The TRU provides system-level sequence control without core
intervention. The TRU maps trigger masters (generators of trig-
gers) to trigger slaves (receivers of triggers). Slave endpoints can
be configured to respond to triggers in various ways. Common
applications enabled by the TRU include:
• Automatically triggering the start of a DMA sequence after
a sequence from another DMA channel completes
• Software triggering
• Synchronization of concurrent activities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com