Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF7045T-331M-D Datasheet(PDF) 7 Page - TDK Electronics

Part # CLF7045T-331M-D
Description  Inductors for Power Circuits Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045T-331M-D Datasheet(HTML) 7 Page - TDK Electronics

  CLF7045T-331M-D Datasheet HTML 1Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 2Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 3Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 4Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 5Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 6Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 7Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 8Page - TDK Electronics CLF7045T-331M-D Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160128 / inductor_automotive_power_clf7045-d_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
*
CLF7045-D Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
10000
1000
100
10
100
1000
10000
Frequency(kHz)
680M
101M
151M
221M
331M
471M
220M
330M
470M
1R5N
2R2N
150M
1R0N
3R3N
4R7N
6R8N
100M
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com