Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF10040T-331M Datasheet(PDF) 7 Page - TDK Electronics

Part # CLF10040T-331M
Description  Inductors for Power Circuits Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF10040T-331M Datasheet(HTML) 7 Page - TDK Electronics

  CLF10040T-331M Datasheet HTML 1Page - TDK Electronics CLF10040T-331M Datasheet HTML 2Page - TDK Electronics CLF10040T-331M Datasheet HTML 3Page - TDK Electronics CLF10040T-331M Datasheet HTML 4Page - TDK Electronics CLF10040T-331M Datasheet HTML 5Page - TDK Electronics CLF10040T-331M Datasheet HTML 6Page - TDK Electronics CLF10040T-331M Datasheet HTML 7Page - TDK Electronics CLF10040T-331M Datasheet HTML 8Page - TDK Electronics CLF10040T-331M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160128 / inductor_commercial_power_clf10040_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
*
CLF10040 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Agilent Technologies
0.1
1
10
10000
1000
100
10
100
1000
10000
100000
Frequency(kHz)
471M
331M
221M
151M
101M
680M
470M
100M
6R8N
4R7N
3R3N
2R2N
1R5N
1R0N
330M
220M
150M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com