Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4196 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC4196
Description  High Gain Bandwidth Product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4196 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC4196 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4196 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4196 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4196 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4196 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4196 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC4196
S-PARAMETER (Emitter Common)
Test condition VCE = 5 V, 100 MHz to 1000 MHz (100 MHz STEP), ZO = 50Ω
IC = 5 mA
IC = 10 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com