Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6765 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6765
Description  VGS Rated at 짹20V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6765 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6765 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6765 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2N6765
DESCRIPTION
·VGS Rated at ±20V
·Silicon Gate for fast switching speeds
·I
DSS 、RDS(ON) ,specified at elevated temperature
·Low drive reqirements
APPLICATIONS
designed for high power ,high speed application ,such as
switching applies,UPS,AC and DC motor controls ,
relay and high energy pulse circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
150
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
25
A
Ptot
Total Dissipation@TC=25℃
150
W
Tj
Max. Operating Junction Temperature
-55~150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2N6765

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
N-Channel Power MOSFETs, 30A, 150V/200V
logo
IXYS Corporation
2N6765 IXYS-2N6765 Datasheet
49Kb / 1P
High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
New Jersey Semi-Conduct...
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
N-Channel Power MOSFETs 30 A,150 V/200 V
More results

Similar Description - 2N6765

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6767 ISC-2N6767 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6769 ISC-2N6769 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6757 ISC-2N6757 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6756 ISC-2N6756 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6761 ISC-2N6761 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6763 ISC-2N6763 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6759 ISC-2N6759 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6768 ISC-2N6768 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6758 ISC-2N6758 Datasheet
47Kb / 2P
VGS Rated at 짹20V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com