Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP127 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # TIP127
Description  TO-220-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

TIP127 Datasheet(HTML) 1 Page - Nanjing International Group Co

  TIP127 Datasheet HTML 1Page - Nanjing International Group Co TIP127 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220-3L Plastic-Encapsulate Transistors
TIP120,121,122
Darlington TRANSISTOR (NPN)
TIP125,126,127 Darlington TRANSISTOR (PNP)
FEATURES
Medium Power Complementary
Silicon Transistors
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
TIP120
TIP125
TIP121
TIP126
TIP122
TIP127
Unit
VCBO
Collector-Base Voltage
60
80
100
V
VCEO
Collector-Emitter Voltage
60
80
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance Junction to Ambient
62.5
℃/W
RθJc
Thermal Resistance Junction to Case
1.92
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55to+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
M
ax
Unit
Collector-base breakdown voltage
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
V(BR)CBO
IC= 1mA,IE=0
60
80
100
V
Collector-emitter breakdown voltage
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
VCEO(SUS)
IC= 30mA,IB=0
60
80
100
V
Collector cut-off current
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
ICBO
VCB= 60 V, IE=0
VCB= 80 V, IE=0
VCB= 100V, IE=0
0.2
mA
Collector cut-off current
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
ICEO
VCE=30 V, IB=0
VCE=40 V, IB=0
VCE=50 V, IB=0
0.5
mA
Emitter cut-off current
IEBO
VEB=5 V, IC=0
2
mA
hFE(1)
VCE= 3V, IC=0.5A
1000
DC current gain
hFE(2)
VCE= 3V, IC=3 A
1000
Collector-emitter saturation voltage
VCE(sat)
IC=3A,IB=12mA
IC=5 A,IB=20mA
2
4
V
Base-emitter voltage
VBE
VCE=3V, IC=3 A
2.5
V
Output Capacitance
TIP125,TIP126,TIP127
TIP120,TIP121,TIP122
Cob
VCB=10V, IE=0,f=0.1MHz
300
200
pF
TO-220-3L
1.BASE
2.COLLECTOR
3.EMITTER
B,Aug,2012
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - TIP127

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP127 MOSPEC-TIP127 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP127 MOTOROLA-TIP127 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP127 POINN-TIP127 Datasheet
105Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP127 STMICROELECTRONICS-TIP127 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Wing Shing Computer Com...
TIP127 WINGS-TIP127 Datasheet
65Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results

Similar Description - TIP127

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
TIP42 JIANGSU-TIP42 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
TIP147 DGNJDZ-TIP147 Datasheet
1Mb / 4P
TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
TO-220-3L Plastic-Encapsulate Transistors
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com