Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1003 Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # GP1003
Description  10A, 50V - 1000V Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

GP1003 Datasheet(HTML) 2 Page - Taiwan Memory Technology

  GP1003 Datasheet HTML 1Page - Taiwan Memory Technology GP1003 Datasheet HTML 2Page - Taiwan Memory Technology GP1003 Datasheet HTML 3Page - Taiwan Memory Technology GP1003 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Version: F1511
RATINGS AND CHARACTERISTICS CURVES
GP1001HC0G
GP1001
H
C0
G
AEC-Q101 qualified
Green compound
Note 1: "x" defines voltage from 50V (GP1001) to 1000V (GP1007)
EXAMPLE
EXAMPLE
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
GP100x
(Note 1)
H
C0
G
TO-220AB
50 / Tube
GP1001 - GP1007
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
2
4
6
8
10
12
0
50
100
150
CASE TEMPERATURE(°C)
FIG.1 MAXMUM FORWARD CURRENT
DERATING CURVE
Resistive of
inductive load
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=125°C
TJ=25°C
0.1
1
10
100
1000
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Pulse width=300μs
1% duty cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com