Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1ML Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # S1ML
Description  1A, 50V - 1000V Surface Mount Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S1ML Datasheet(HTML) 2 Page - Taiwan Memory Technology

  S1ML Datasheet HTML 1Page - Taiwan Memory Technology S1ML Datasheet HTML 2Page - Taiwan Memory Technology S1ML Datasheet HTML 3Page - Taiwan Memory Technology S1ML Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
Document Number: DS_D1410010
Version: O15
AEC-Q101 qualified
Green compound
S1MLHRUG
S1ML
H
RU
G
Note 1: "x" defines voltage from 50V (S1AL) to 1000V (S1ML)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
RH
Sub SMA
10,000 / 13" Paper reel (12mm tape)
MH
Sub SMA
10,000 / 13" Plastic reel (12mm tape)
R2
Sub SMA
7,500 / 13" Paper reel (12mm tape)
M2
Sub SMA
7,500 / 13" Plastic reel (12mm tape)
R3
Sub SMA
1,800 / 7" Plastic reel (12mm tape)
RF
Sub SMA
3,000 / 7" Plastic reel (12mm tape)
RQ
Sub SMA
10,000 / 13" Paper reel (8mm tape)
MQ
Sub SMA
10,000 / 13" Plastic reel (8mm tape)
3,000 / 7" Plastic reel (8mm tape)
RT
Sub SMA
7,500 / 13" Paper reel (8mm tape)
MT
Sub SMA
7,500 / 13" Plastic reel (8mm tape)
PACKAGE
PACKING
S1xL
(Note 1)
H
RU
G
Sub SMA
1,800 / 7" Plastic reel (8mm tape)
RV
Sub SMA
RATINGS AND CHARACTERISTICS CURVES (T
A=25°C unless otherwise noted)
Taiwan Semiconductor
S1AL - S1ML
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (°C)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
1
10
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single
Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=75°C
TJ=25°C
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com