Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99W Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAV99W
Description  Dual Serise Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV99W Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAV99W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV99W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAV99W Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20120305
BAV99W
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
PD
200
mW
FR–5 Board, (Note 1.) TA = 25°C
Derate above 25°C
1.6
mW/°C
Thermal Resistance Junction to Ambient
RθJA
625
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (Note 2.) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ,Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100
µA)
V(BR)
70
––
Vdc
Reverse Voltage Leakage Current
(VR = 70 Vdc)
IR
––
2.5
µAdc
(VR = 25 Vdc, TJ = 150°C)
––
30
(VR = 70 Vdc, TJ = 150°C)
––
50
Diode Capacitance
CD
––
1.5
pF
(VR = 0, f = 1.0 MHz)
Forward Voltage
(IF = 1.0 mAdc)
VF
––
715
mVdc
(IF = 10 mAdc)
––
855
(IF = 50 mAdc)
––
1000
(IF = 150 mAdc)
––
1250
Reverse Recovery Time
RL = 100
Ω
trr
––
6.0
ns
(IF=IR=10 mAdc, iR(REC)=1.0mAdc) (Figure 1)
Forward Recovery Voltage (IF = 10 mA, t r = 20 ns)
VFR
––
1.75
V
1. FR–5 = 1.0
× 0.75 × 0.062 in.
2. Alumina = 0.4
× 0.3 × 0.024 in. 99.5% alumina.
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820
Ω
100
µH
0.1
µF
D.U.T.
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUT SIGNAL
I
F
V
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com