Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC635 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BC635
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC635 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BC635 Datasheet HTML 1Page - Nanjing International Group Co BC635 Datasheet HTML 2Page - Nanjing International Group Co BC635 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC635 / BC637 / BC639
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 2 V, IC = 5 mA
at VCE = 2 V, IC = 150 mA
at VCE = 2 V, IC = 500 mA
BC635
BC637 / BC639
hFE
hFE
hFE
hFE
40
40
40
25
-
250
160
-
-
-
-
-
Collector Cutoff Current
at VCB = 30 V
ICBO
-
100
nA
Emitter Cutoff Current
at VEB = 5 V
IEBO
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
BC635
BC637
BC639
V(BR)CBO
45
60
100
-
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
BC635
BC637
BC639
V(BR)CEO
45
60
80
-
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
0.5
V
Base Emitter Voltage
at VCE = 2 V, IC = 500 mA
VBE
-
1
V
Gain Bandwidth Product
at VCE = 5 V, IC = 50 mA, f = 100 MHz
fT
100
-
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com