Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC640 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BC640
Description  PNP Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC640 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BC640 Datasheet HTML 1Page - Nanjing International Group Co BC640 Datasheet HTML 2Page - Nanjing International Group Co BC640 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC636...BC640
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 2 V, -IC = 5 mA
at -VCE = 2 V, -IC = 150 mA
Current Gain Group
at -VCE = 2 V, -IC = 500 mA
-10
-16
hFE
hFE
hFE
hFE
40
63
100
25
-
160
250
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 30 V
-ICBO
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
-IEBO
-
100
nA
Collector Base Breakdown Voltage
at -IC = 100 µA
BC636
BC638
BC640
-V(BR)CBO
45
60
100
-
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
BC636
BC638
BC640
-V(BR)CEO
45
60
80
-
-
-
V
Emitter Base Breakdown Voltage
at -IE = 10 µA
-V(BR)EBO
5
-
V
Collector Emitter Saturation Voltage
at -IC = 500 mA, -IB = 50 mA
-VCE(sat)
-
0.5
V
Base Emitter Voltage
at -VCE = 2 V, -IC = 500 mA
-VBE
-
1
V
Gain Bandwidth Product
at -VCE = 5 V, -IC = 50 mA, f = 100 MHz
fT
100
-
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com