Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR7810 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LSR7810
Description  Effi ciency to 93%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LSR7810 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LSR7810 Datasheet HTML 1Page - MicroPower Direct, LLC LSR7810 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• Efficiency to 93%
• 1.0A Output Current
• Compact SMT Case
• LM78xx Replacement
• Wide Input Range
• Remote ON/OFF Control
• Adjustable Output Voltage
• Short Circuit Protected
• Thermal Shutdown
• Low Noise
• Low Low Cost
LSR7810
Low Cost, Miniature
1.0A Surface Mount
POL Switching Regulators
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±3.0
%
Output Voltage Adjustment Range
Contact Factory For Information
Line Regulation
VIN = Min to Max
±0.2
±0.5
%
Load Regulation
IOUT = 10% to 100%
±0.4
±1.0
%
Ripple & Noise (20 MHz)
20
35
mV P - P
See Output Filter Circuit (Page 2)
10
15
Thermal Shutdown
See Note 1
150
°C
Temperature Coefficient
0.02
%/°C
Maximum Capacitive Load
1,000
µF
Output Current Limit
1.8
A
Output Short Circuit
Hiccup Mode, Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Not Isolated
Switching Frequency
1.40
MHz
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply On
See Note 2
1.2
6.0
VDC
Supply Off
0.6
VDC
ON/OFF Control Current
100
200
µA
Standby Input Current
120
200
µA
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-55
+125
°C
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Derating
Over 71°C, derate output power 2.85%/°C to 60% at 85°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.08 Oz (2.3g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Characteristic Curves
Efficiency vs Load (VIN=Nom)
Ripple vs Load (VIN = Nom)


Similar Part No. - LSR7810

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LSR7805 MPD-LSR7805 Datasheet
389Kb / 2P
Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-03W MPD-LSR7805-03W Datasheet
389Kb / 2P
Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-05W MPD-LSR7805-05W Datasheet
389Kb / 2P
Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-09W MPD-LSR7805-09W Datasheet
389Kb / 2P
Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
LSR7805-12W MPD-LSR7805-12W Datasheet
389Kb / 2P
Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
More results

Similar Description - LSR7810

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4539 SEMTECH-SC4539 Datasheet
245Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
10A High Effi ciency DC/DC 關Module
logo
Semtech Corporation
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
logo
Linear Technology
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
6A High Effi ciency DC/DC 關Module
LTC4009 LINER-LTC4009 Datasheet
305Kb / 28P
High Effi ciency, Multi-Chemistry Battery Charger
logo
Semtech Corporation
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
Effi ciency to 95%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com