Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-080BH Datasheet(PDF) 2 Page - CUI INC

Part # PJ-080BH
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-080BH Datasheet(HTML) 2 Page - CUI INC

  PJ-080BH Datasheet HTML 1Page - CUI INC PJ-080BH Datasheet HTML 2Page - CUI INC PJ-080BH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: PJ-080BH │ DESCRIPTION: DC POWER JACK
date 05/02/2016
│ page 2 of 3
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
brass
silver
terminal 2
copper alloy
silver
stopper
cold rolled steel
nickel
shield A
cold rolled steel
nickel
shield B
stainless steel
plastic
PA6T
units: mm
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
MATING PLUG
Rating: 20 Vdc, 7 A
MATING PLUG
Rating: 20 Vdc, 10 A
Schematic
Model
Center Pin
PJ-080BH
ø2.5 mm
Jack Insertion Depth: 11.1mm
For more information, please visit the product page
|
For information on related products, view External Power Supplies



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com