Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5022LR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5022LR
Description  0.50 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5022LR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5022LR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5022LR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5022LR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121701
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.50 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD5022K (Common Cathode)
LD5022L (Common Anode)
Selection Guide
Dual Digit 7 Segment LED Display, Digit Height: 12.70mm(0.50 inch), External Dimensions:
25.00x19.00x8.00mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5022KR
LD5022LR
GaAlAs
Super Red
640
8
10
8
10
LD5022KD
LD5022LD
GaAlAs
Hi-Red
640
18
25
18
25
LD5022KO
LD5022LO
GaAsP
Orange
625
7
9
7
9
LD5022KY
LD5022LY
GaAsP
Yellow
588
8
10
8
10
LD5022KG
LD5022LG
GaP
Green
568
7
9
7
9
LD5022KUR
LD5022LUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5022KUO
LD5022LUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5022KUA
LD5022LUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5022KUY
LD5022LUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5022KUG
LD5022LUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5022KPG
LD5022LPG
InGaN
Pure Green
525
120
300
120
300
LD5022KUB
LD5022LUB
InGaN
Ultra Blue
470
30
45
30
45
LD5022KUW
LD5022LUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com