Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA06-800C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA06-800C
Description  SNUBBERLESS?? LOGIC LEVEL & STANDARD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA06-800C Datasheet(HTML) 1 Page - STMicroelectronics

  BTA06-800C Datasheet HTML 1Page - STMicroelectronics BTA06-800C Datasheet HTML 2Page - STMicroelectronics BTA06-800C Datasheet HTML 3Page - STMicroelectronics BTA06-800C Datasheet HTML 4Page - STMicroelectronics BTA06-800C Datasheet HTML 5Page - STMicroelectronics BTA06-800C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
®
BTA/BTB06 Series
SNUBBERLESS™, LOGIC LEVEL & STANDARD
6A TRIACS
April 2002 - Ed: 5A
MAIN FEATURES:
DESCRIPTION
Suitable for AC switching operations, the BTA/
BTB06 series can be used as an ON/OFF function
in applications such as static relays, heating
regulation, induction motor starting circuits... or for
phase control in light dimmers, motor speed
controllers,...
The snubberless and logic level versions (BTA/
BTB...W) are specially recommended for use on
inductive loads, thanks to their high commutation
performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab
(rated
at
2500V
RMS)
complying
with
UL
standards (File ref.: E81734)
Symbol
Value
Unit
IT(RMS)
6A
VDRM/VRRM
600 and 800
V
IG (Q
1)
5 to 50
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TO-220AB
Tc = 110°C
6
A
TO-220AB Ins.
Tc = 105°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
60
A
F = 60 Hz
t = 16.7 ms
63
I²tI²t Value for fusing
tp = 10 ms
21
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A2
A1
G
A2
A2
A1
G
A2
A1
TO-220AB
(BTB06)
TO-220AB Insulated
(BTA06)


Similar Part No. - BTA06-800C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06-800C STMICROELECTRONICS-BTA06-800C Datasheet
64Kb / 5P
STANDARD TRIACS
Mar-1995
logo
Tiger Electronic Co.,Lt...
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
6A TRIACS
logo
Shenzhen Luguang Electr...
BTA06-800C LUGUANG-BTA06-800C Datasheet
1Mb / 6P
6A Ⅲ &Ⅳ QUADRANTS SERIES TRIACS
Revision:20201216-P1
logo
STMicroelectronics
BTA06-800CRG STMICROELECTRONICS-BTA06-800CRG Datasheet
76Kb / 7P
6A TRIACS
13-Feb-2006
logo
Shenzhen Luguang Electr...
BTA06-800CW LUGUANG-BTA06-800CW Datasheet
1Mb / 6P
6A Ⅲ &Ⅳ QUADRANTS SERIES TRIACS
Revision:20201216-P1
More results

Similar Description - BTA06-800C

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
TRIACs, 8A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
TRIACs, 12A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
TRIACs, 16A Snubberless, Logic Level and Standard
logo
STMicroelectronics
T435-800T STMICROELECTRONICS-T435-800T Datasheet
119Kb / 10P
SNUBBERLESS??& LOGIC LEVEL
25-Mar-2005
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Nell Semiconductor Co.,...
12T NELLSEMI-12T Datasheet
659Kb / 7P
Snubberless, Logic Level and Standard
16T NELLSEMI-16T Datasheet
661Kb / 7P
Snubberless, Logic Level and Standard
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com