Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4503CDDT Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4503CDDT
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4503CDDT Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4503CDDT Datasheet HTML 2Page - Texas Instruments THS4503CDDT Datasheet HTML 3Page - Texas Instruments THS4503CDDT Datasheet HTML 4Page - Texas Instruments THS4503CDDT Datasheet HTML 5Page - Texas Instruments THS4503CDDT Datasheet HTML 6Page - Texas Instruments THS4503CDDT Datasheet HTML 7Page - Texas Instruments THS4503CDDT Datasheet HTML 8Page - Texas Instruments THS4503CDDT Datasheet HTML 9Page - Texas Instruments THS4503CDDT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS VS = 5 V
Rf = Rg = 499 Ω, RL = 800 Ω, G = +1, Single-ended input unless otherwise noted.
THS4502 AND THS4503
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C to
85
°C
UNITS
MIN/
MAX
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
RL = 400 Ω
180
MHz
Typ
Slew rate
2 VPP Step
80
V/
µs
Typ
Minimum gain
1
0.98
0.98
0.98
V/V
Min
Maximum gain
1
1.02
1.02
1.02
V/V
Max
Common-mode offset voltage
2
−2.2/6.2
−4.2/8.2
−5.2/9.2
mV
Max
Input bias current
VOCM = 2.5 V
1
2
3
3
µA
Max
Input voltage range
1/4
1.2/3.8
1.3/3.7
1.3/3.7
V
Min
Input impedance
25 || 1
k
Ω || pF
Typ
Maximum default voltage
VOCM left floating
2.5
2.55
2.6
2.6
V
Max
Minimum default voltage
VOCM left floating
2.5
2.45
2.4
2.4
V
Min
POWER SUPPLY
Specified operating voltage
5
16.5
16.5
16.5
V
Max
Maximum quiescent current
20
25
29
31
mA
Max
Minimum quiescent current
20
16
12
10
mA
Min
Power supply rejection (+PSRR)
75
72
69
66
dB
Min
POWER DOWN (THS4502 ONLY)
Enable voltage threshold
Device enabled ON above 2.1 V
2.1
V
Min
Disable voltage threshold
Device disabled OFF below 0.7 V
0.7
V
Max
Power-down quiescent current
600
800
1200
1200
µA
Max
Input bias current
100
125
140
140
µA
Max
Input impedance
50 || 1
k
Ω || pF
Typ
Turnon time delay
1000
ns
Typ
Turnoff time delay
800
ns
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com