Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1201CDT4 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC1201CDT4
Description  USB 2.0 power and data line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC1201CDT4 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC1201CDT4 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC1201CDT4 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC1201CDT4 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
3/3
www.leiditech.com
LC1201CDT4
Inches
Millimeters
Symbol
Min.
Nom.
Max. Min. Nom. Max.
A
0.031
-
0.048
0.80
-
1.22
A1
0.000
-
0.008 0.013
-
0.15
A2
0.020
0.035
0.042
0.75
0.90
1.07
b
0.011
-
0.020
0.30
-
0.51
b1
0.029
-
0.037
0.76
-
0.94
c
0.003
-
0.008
0.08
-
0.20
D
0.110
0.114
0.120
2.80
2.90
3.04
E
0.082
0.093
0.104
2.10
2.37
2.64
E1
0.047
0.051
0.055
1.20
1.30
1.40
e
0.075
1.92 BSC
e1
0.008
0.20 BSC
L
0.015
0.020
0.024
0.40
0.50
0.60
L1
(0.021)
(0.54)
N
4
4
θ
0°
-
8°
0°
-
8°
aaa
0.006
0.15
bbb
0.008
0.20
ccc
0.004
0.10
Symbol
Inches
Millimeters
C
(0.087)
(2.20)
E1
0.076
1.92
E2
0.068
1.72
G
0.031
0.80
X1
0.039
1.00
X2
0.047
1.20
Y
0.055
1.40
Z
0.141
3.60
Soldering Footprint
SOT-143 Package Outline & Dimensions
θ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com