Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN85501 Datasheet(PDF) 3 Page - Mallory performance club

Part # PN85501
Description  MSD Pro-Billet Chevrolet V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN85501 Datasheet(HTML) 3 Page - Mallory performance club

  PN85501 Datasheet HTML 1Page - Mallory performance club PN85501 Datasheet HTML 2Page - Mallory performance club PN85501 Datasheet HTML 3Page - Mallory performance club PN85501 Datasheet HTML 4Page - Mallory performance club PN85501 Datasheet HTML 5Page - Mallory performance club PN85501 Datasheet HTML 6Page - Mallory performance club PN85501 Datasheet HTML 7Page - Mallory performance club PN85501 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INSTALLATION INSTRUCTIONS
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
CENTRIFUGAL ADVANCE CURVE
SELECTING THE ADVANCE
SPRINGS
The rate, or how quick the advance comes in
is determined by the type of springs which are
installed on the distributor. The MSD distributors
are equipped with two Heavy Silver springs
installed. These will give you the slowest
advance curve possible (Figure 2). The parts
kit contains two additional sets of springs which
can be used to match the advance curve to
your particular application. Refer to the Spring
Combination Chart (Figure 3) for combinations
that can be achieved.
To change the springs, remove the cap and
rotor and use needlenose pliers to remove the
springs. Be sure the new springs seat in the
groove on the pin.
Figure 4 Advance Curves.
Figure 2 The Factory Equipped Curve.
Timing Curve From Factory
Figure 3 Spring Combination Chart.
SPRING COMBINATION
RATE OF ADVANCE
FIGURE 4
2- Heavy Silver
SLOWEST
A
1- Heavy Silver
B
1- Light Blue
1-Heavy Silver
C
1-Light Silver
2- Light Blue
D
1- Light Silver
E
1- Light Blue
2- Light Silver
FASTEST
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com