Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4901 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4901
Description  High Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4901 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4901 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4901 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4901 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4901 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4901 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC4901
S-PARAMETER
VCE = 5 V, IC = 5 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.672
–69.4
10.99
134.0
0.0610
58.8
0.752
–26.7
400
0.533
–109.9
7.32
111.5
0.0841
49.9
0.528
–50.5
600
0.469
–134.7
5.28
98.8
0.0989
49.3
0.412
–56.0
800
0.446
–152.3
4.12
90.2
0.112
50.9
0.351
–59.0
1000
0.432
–165.9
3.37
83.2
0.126
53.5
0.316
–61.0
1200
0.427
–176.2
2.88
77.2
0.141
55.5
0.294
–63.3
1400
0.430
174.1
2.52
72.1
0.157
57.4
0.282
–66.0
1600
0.433
166.5
2.26
67.5
0.174
58.6
0.274
–69.1
1800
0.439
158.0
2.04
63.3
0.191
59.2
0.269
–72.0
2000
0.453
151.9
1.88
59.2
0.209
60.0
0.265
–76.0
VCE = 5 V, IC = 20 mA , ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.421
–115.2
17.40
114.7
0.0399
50.6
0.474
–57.7
400
0.377
–150.2
9.74
98.5
0.0609
64.2
0.284
–67.2
600
0.370
–167.0
6.68
90.1
0.0822
67.8
0.213
–70.5
800
0.373
–179.1
5.09
84.0
0.105
68.6
0.180
–72.9
1000
0.371
170.6
4.13
79.0
0.128
69.2
0.161
–74.9
1200
0.377
164.9
3.49
74.3
0.151
68.9
0.151
–77.6
1400
0.384
156.9
3.04
70.3
0.174
68.3
0.146
–80.7
1600
0.388
150.7
2.71
66.8
0.197
67.3
0.143
–83.5
1800
0.392
145.3
2.45
63.3
0.219
66.2
0.142
–87.2
2000
0.406
139.0
2.25
59.5
0.241
64.9
0.141
–91.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com