Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5172 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5172
Description  High Collector Breakdown Voltage: VCEO =400V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5172 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5172 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5172 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SC5172
DESCRIPTION
·High Collector Breakdown Voltage
: VCEO =400V
APPLICATIONS
·Switching regulator and high voltage
switching applications
·High speed DC-DC converter applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
600
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
5
A
IB
Base Current-Continuous
2
A
Pc
Collector Power Dissipation
@ TC=25℃
25
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC5172

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5172 TOSHIBA-2SC5172 Datasheet
166Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5172 TOSHIBA-2SC5172 Datasheet
143Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
2SC5172 TOSHIBA-2SC5172 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5172 TOSHIBA-2SC5172_06 Datasheet
143Kb / 5P
Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
More results

Similar Description - 2SC5172

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA44LT1G LRC-LMBTA44LT1G Datasheet
83Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR High Breakdown Voltage: VCEO=400
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Inchange Semiconductor ...
3DD4515 ISC-3DD4515 Datasheet
207Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
3DD7G ISC-3DD7G Datasheet
191Kb / 2P
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 400V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
DT430 ISC-DT430 Datasheet
129Kb / 2P
Collector-Emitter Breakdown Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com