Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD879 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD879
Description  High Collector Current-IC= 3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD879 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD879 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD879 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SD879
DESCRIPTION
·
High Collector Current-IC= 3.0A
·
Low Saturation Voltage -
: VCE(sat)= 0.4V(Max)@ IC= 3.0A, IB= 60mA(Pulse)
·
Excellent Linearity of hFE in The Region From Low
Current to High Current.
APPLICATIONS
·
In applications where two NiCd batteries are used to
provide 2.4V, two 2SD879s are used.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
10
V
VCEX
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
3.0
A
ICP
Collector Current-Pulse
5.0
A
PC
Collector Power Dissipation
1.0
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SD879

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Dc Components
2SD879 DCCOM-2SD879 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
95Kb / 3P
1.5V, 3V STROBE APPLICATIONS
2SD879 UTC-2SD879 Datasheet
98Kb / 2P
1.5V, 3V STROBE APPLICATIONS
More results

Similar Description - 2SD879

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB891 ISC-2SB891 Datasheet
106Kb / 2P
High Collector Current -IC= -2A
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5430 ISC-2N5430 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N5428 ISC-2N5428 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N2219A ISC-2N2219A Datasheet
96Kb / 2P
Collector Current- IC= 0.8A
2SD1163A ISC-2SD1163A Datasheet
134Kb / 2P
Collector Current: IC= 7A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com