Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC109 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC109
Description  Low-Power, Wideband, Closed-Loop Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC109 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC109 Datasheet HTML 1Page - National Semiconductor (TI) CLC109 Datasheet HTML 2Page - National Semiconductor (TI) CLC109 Datasheet HTML 3Page - National Semiconductor (TI) CLC109 Datasheet HTML 4Page - National Semiconductor (TI) CLC109 Datasheet HTML 5Page - National Semiconductor (TI) CLC109 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PARAMETER
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
SYMBOL
Ambient Temperature
CLC109AJ
+25°C
-40°C
+25°C
+85°C
FREQUENCY RESPONSE
small signal bandwidth
Vout < 0.5Vpp
270
200
200
150
MHz
SSBW
Vout < 2.0Vpp
120
90
90
70
MHz
LSBW
gain flatness
Vout < 0.5Vpp
flatness
DC-30MHz
0
±0.1
±0.1
±0.1
dB
GFL
peaking
DC-200MHz
0
1.0
0.3
0.3
dB
GFPH
rolloff
DC-60MHz
0.1
0.4
0.4
0.6
dB
GFRH
differential gain
4.43MHz, 150
Ω load
0.7
1.5
1.0
1.0
%
DG
differential phase
4.43MHz, 150
Ω load
0.03
0.05
0.05
0.1
°
DP
TIME DOMAIN RESPONSE
rise and fall time
0.5V step
1.3
1.7
1.7
2.3
ns
TRS
2.0V step
4.4
6
6
7
ns
TRL
settling time to ±0.05%
2.0V step
12
25
18
25
ns
TS
overshoot
0.5V step
3
15
10
10
%
OS1
slew rate
4V step
350
220
250
220
V/
µsec
SR
DISTORTION AND NOISE PERFORMANCE
2nd harmonic distortion
2Vpp, 20MHz
-46
-36
-38
-38
dBc
HD2
3rd harmonic distortion
2Vpp, 20MHz
-55
-50
-50
-45
dBc
HD3
equivalent output noise
voltage
3.3
4.1
4.1
4.5
nV/
√Hz
VN
current
1.3
3
2
2
pA/
√Hz
ICN
STATIC DC PERFORMANCE
small signal gain
no load
0.997
0.995
0.995
0.994
V/V
GA1
100
Ω load
0.96
0.94
0.95
0.95
V/V
GA2
output resistance
DC
2.8
5.0
4.0
4.0
RO
*output offset voltage
1
±8.2
±5
±6
mV
VIO
average temperature coefficient
±10
±40
±30
µV/°C
DVIO
* input bias current
±2
±8
±4
±4
µA
IBN
average temperature coefficient
±30
±50
±25
nA/°C
DIBN
power supply rejection ratio
-56
-48
-48
-46
dB
PSRR
* supply current
no load
3.5
4
4
4
mA
ICC
MISCELLANEOUS PERFORMANCE
integral endpoint linearity
±1V, full scale
0.5
1.0
0.7
0.6
%
ILIN
input resistance
1.5
0.3
1.0
2.0
M
RIN
input capacitance
CERDIP
2.5
3.5
3.5
3.5
pF
CIN
Plastic DIP
1.25
2.0
2.0
2.0
pF
CIN
output voltage range
no load
4.0
3.6
3.8
3.8
V
VO
RL=100
+3.8,-2.5 +3.0,-1.2 +3.6,-2.0
+3.6,-2.5
V
VOL
RL=100
Ω, 0°C
+3.0,-1.6
V
VOL
output current
+60,-30
+40,-12
+40,-20
+40,-30
mA
IO
0°C
+40,-16
mA
IO
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
CLC109 Electrical Characteristics (±V
(±V
(±V
(±V
(±Vcc
cc
cc
cc
cc = ±5V
= ±5V
= ±5V
= ±5V
= ±5V,,,,, R
R
R
R
RLLLLL = 100
= 100
= 100
= 100
= 100
Ω)))))
CLC109 Electrical Characteristics (±V
CC = ± 5V, RL = 100
Ω unless specified)
Absolute Maximum Ratings
Miscellaneous Ratings
V
cc
±7.0V
Iout output is short circuit protected to
ground, but maximum reliability will be
maintained if Iout does not exceed...
30mA
input voltage
±Vcc
maximum junction temperature
+150°C
operating temperature range
AJ
-40°C to +85°C
A8/AM/AL
-55°C to +125°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
ESD rating
1000V
Notes:
*
AJ : 100% tested at +25°C.
http://www.national.com
2
Package Thermal Resistance
Package
θ
JC
θ
JA
Plastic (AJP)
70°C/W
125°C/W
Surface Mount (AJE)
65°C/W
145°C/W
SOT
130°C/W
200°C/W
Reliability Information
Transistor count
17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com