Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2731XMF Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2731XMF
Description  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2731XMF Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2731XMF Datasheet HTML 8Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 9Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 10Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 11Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 12Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 13Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 14Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 15Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Application Hints (Continued)
P
(SW) =DCxIIND(AVE)
2 xR
DS(ON)
There will be some switching losses as well, so some derat-
ing needs to be applied when calculating IC power dissipa-
tion.
INDUCTOR SUPPLIERS
Recommended suppliers of inductors for this product in-
clude, but are not limited to Sumida, Coilcraft, Panasonic,
TDK and Murata. When selecting an inductor, make certain
that the continuous current rating is high enough to avoid
saturation at peak currents. A suitable core type must be
used to minimize core (switching) losses, and wire power
losses must be considered when selecting the current rating.
SHUTDOWN PIN OPERATION
The device is turned off by pulling the shutdown pin low. If
this function is not going to be used, the pin should be tied
directly to V
IN. If the SHDN function will be needed, a pull-up
resistor must be used to V
IN (approximately 50k-100k
Ω rec-
ommended). The SHDN pin must not be left unterminated.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com