Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC109AJE Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC109AJE
Description  Low-Power, Wideband, Closed-Loop Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC109AJE Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC109AJE Datasheet HTML 1Page - National Semiconductor (TI) CLC109AJE Datasheet HTML 2Page - National Semiconductor (TI) CLC109AJE Datasheet HTML 3Page - National Semiconductor (TI) CLC109AJE Datasheet HTML 4Page - National Semiconductor (TI) CLC109AJE Datasheet HTML 5Page - National Semiconductor (TI) CLC109AJE Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PARAMETERS
CONDITIONS
VCC = 3V
VCC = 5V
UNITS
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
V
out < 0.5Vpp
30
90
MHz
Vout < 2.0Vpp
35
MHz
gain flatness
Vout < 0.5Vpp
flatness
DC to 30MHz
3
0.3
dB
peaking
DC to 200MHz
0
0
dB
rolloff
DC to 60MHz
1.5
dB
TIME DOMAIN RESPONSE
rise and fall time
0.5V step
13.9
4.7
ns
2.0V step
13.5
ns
overshoot
0.5V step
0
0
%
slew rate
0.5V step
35
200
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
0.5V
pp,20MHz
-32
dBc
1.0Vpp,20MHz
-37
dBc
3rd harmonic distortion
0.5Vpp,20MHz
-29
dBc
1.0V
pp,20MHz
-43
dBc
STATIC DC PERFORMANCE
small-signal gain
AC-coupled
0.89
0.94
V/V
supply current
RL=
∞
0.75
1.6
mA
MISCELLANEOUS PERFORMANCE
output voltage range
R
L=
∞
1.5
2.8
V
pp
RL=100
Ω
1.1
2.6
Vpp
Electrical Characteristics (V
CC=+3V or VCC=+5V, -Vee= 0V, TA=+25°C, RL = 100
Ω
Ω
Ω
Ω
Ω, unless noted)
Operation
The CLC109 is a low-power, high-speed unity-gain buffer.
It uses a closed-loop topology which allows for accuracy
not usually found in high-speed buffers. A closed-loop
design provides high accuracy and low output impedance
through a wide bandwidth.
Single Supply Operation
Although the CLC109 is specified to operate from split
±5V power supplies, there is no internal ground reference
that prevents operation from a single voltage power
supply. For single supply operation the input signal should
be biased at a DC value of ½V
CC. This
can be
accomplished by AC coupling and rebiasing as shown in
the "Typical Application" illustrations on the front page.
The above electrical specifications provide typical
performance specifications for the CLC109 at 25°C while
operating from a single +3V or a single +5V power supply.
Printed Circuit Layout and Supply Bypassing
As with any high-frequency device, a good PCB layout is
required for optimum performance.
This is especially
important for a device as fast as the CLC109.
To minimize capacitive feedthrough, pins 2, 3, 6, and 7
should be connected to the ground plane, as shown in
Figure 1. Input and output traces should be laid out as
transmission lines with the appropriate termination resistors
very near the CLC109.
On a 0.065 inch epoxy PCB
material, a 50
Ωtransmissionline(commonlycalledstripline)
can be constructed by using a trace width of 0.1" over a
complete ground plane.
Figure 1 shows recommended power supply bypassing.
Parasitic or load capacitance directly on the output of the
CLC109 will introduce additional phase shift in the device.
This phase shift can decrease phase margin and increase
frequency response peaking.
A small series resistor
inserted between pin 6 and the capacitance effectively
decouples this effect. The graphs on the following page
illustrate the required resistor value and the resulting
performance vs. capacitance.
Precision buffed resistors (PRP8351 series from Precision
Resistive Products), which have low parasitic reactances,
were used to develop the data sheet specifications.
Precision carbon composition resistors or standard spirally-
trimmed RN55D metal film resistors will work, though they
may cause a slight degradation of ac performance due to
their reactive nature at high frequencies.
Evaluation Boards
Evaluation boards are available from National as part
CLC730012 (DIP) and CLC730045 (SOIC). This board
was used in the characterization of the device and provides
optimal performance. Designers are encouraged to copy
these printed circuit board layouts for their applications.
Figure 1: Recommended circuit & evaluation
board schematic
C4
C3
C2
C1
+5V
-5V
0.01
µF
0.01
µF
6.8
µF
6.8
µF
+
+
5
4
2
3
6
7
8
1
Rout
Vout
Vin
Rin
CLC109
Rout is chosen for
desired output impedance.
(CLC109 Ro= 2.8Ω )
Rin is chosen
for desired
input impedance.
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com