Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP11EP Datasheet(PDF) 4 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 4 Page - Analog Devices

  OP11EP Datasheet HTML 1Page - Analog Devices OP11EP Datasheet HTML 2Page - Analog Devices OP11EP Datasheet HTML 3Page - Analog Devices OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
–4–
OP11
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Input Voltage
* . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . Continuous
(One Amp Only)
Storage Temperature Range
Y Package . . . . . . . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
P Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
∞C to +125∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
Operating Temperature Range
OP11A . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP11E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to 70∞C
OP11F, OP11G . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
*Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP11 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Package Type
JA*
JC
Unit
14-Lead Plastic DIP (P)
83
39
∞C/W
14-Lead Hermetic DIP (Y)
108
15
∞C/W
*
qJA is specified for worst-case conditions, i.e., qJA is specified for device in
socket for CERDIP and P-DIP packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP11AY
* –40
∞C to +125∞C 14-Lead CERDIP
Y-14
OP11EP
–40
∞C to +125∞C 14-Lead Epoxy DIP P-14
OP11EY
* 0
∞C to 85∞C
14-Lead CERDIP
Y-14
OP11FP
*
–40
∞C to 85∞C
14-Lead Epoxy DIP
P-14
OP11GP
–40
∞C to 85∞C
14-Lead Epoxy DIP
P-14
*Not for new designs. Obsolete April 2002.
For Military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-89801012A
OP11ARCMDA
5962-8980101CA
OP11AYMDA
OP11A, OP11E
OP11F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage Match
DVOS
0.5
0.75
0.6
2.0
mV
Common-Mode Rejection Ratio Match
DCMRR VCM = ±12 V
1
20
1
20
mV/V
VCM =
±12 V
94
120
94
120
dB
Specifications subject to change without notice
MATCHING CHARACTERISTICS (@ V
S =
15 V, TA = 25 C, RS
£ 100 , unless otherwise noted)
OP11A, OP11E
OP11F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage Match
DVOS
0.6
1.0
1.0
2.5
mV
Common-Mode Rejection Ratio Match
DCMRR VCM = ±12 V
3.2
20
3.2
20
mV/V
VCM =
±12 V
94
110
94
110
dB
Specifications subject to change without notice
MATCHING CHARACTERISTICS
(@ VS =
15 V,
55 C
£ TA£+125 C for OP11A, 0 C £ TA£ 70 C for OP11E, 40 C £ TA£
+85 C for OP11F, RS
£ 100 , unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com