Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7540 Datasheet(PDF) 4 Page - Anachip Corp

Part # PA7540
Description  PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7540 Datasheet(HTML) 4 Page - Anachip Corp

  PA7540 Datasheet HTML 1Page - Anachip Corp PA7540 Datasheet HTML 2Page - Anachip Corp PA7540 Datasheet HTML 3Page - Anachip Corp PA7540 Datasheet HTML 4Page - Anachip Corp PA7540 Datasheet HTML 5Page - Anachip Corp PA7540 Datasheet HTML 6Page - Anachip Corp PA7540 Datasheet HTML 7Page - Anachip Corp PA7540 Datasheet HTML 8Page - Anachip Corp PA7540 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
04-02-051B
I/O with
independent
output enable
I/O
Q D
Input with optional
register/latch
A
B
C
D
1
2
OE
DQ
08-14-008A
Figure 8. LCC & IOC With Two Outputs
Global Cells
The global cells, shown in Figure 9, are used to direct
global clock signals and/or control terms to the LCCs and
IOCs. The global cells allow a clock to be selected from the
CLK1 pin, CLK2 pin, or a product term from the logic array
(PCLK). They also provide polarity control for IOC clocks
enabling
rising
or
falling
clock
edges
for
input
registers/latches. Note that each individual LCC clock has
its own polarity control. The global cell includes sum-of-
products control terms for global reset and preset, and a
fast product term control for LCC register-type, used to
save product terms for loadable counters and state
machines (see Figure 10). The PA7540 provides two
global cells that divides the LCC and IOCs into two groups,
A and B. Half of the LCCs and IOCs use global cell A, half
use global cell B. This means, for instance, two high-speed
global clocks can be used among the LCCs.
Global Cell: LCC & IOC
MUX
MUX
CLK1
CLK2
PCLK
Reg-Type
Preset
Reset
LCC Resets
LCC Presets
LCC Reg-Type
IOC Clocks
LCC Clocks
Group A & B
08-14-009A
Figure 9. Global Cells
R e g ister T yp e C h ang e F eatu re
G lobal Cell can dynamically change user-
selected LCC registers from D to T or from D
to JK. This saves product terms for loadable
counters or state machines. Use as D register
to load, use as T or JK to count. Timing allows
dynamic operation.
T
R
P
Q
D
R
P
Q
Reg-T ype from Global Cell
E x am p le:
Product terms for 10 bit loadable binary counter
D uses 57 product terms (47 count, 10 load)
T uses 30 product terms (10 count, 20 load)
D/T uses 20 product terms (10 count, 10 load)
08-14-010A
Figure 10. Register Type Change Feature
PEEL™ Array Development Support
Development support for PEEL™ Arrays is provided by
Anachip and manufacturers of popular development tools.
Anachip offers the powerful WinPLACE Development
Software (free to qualified PLD designers).
The PLACE software includes an architectural editor, logic
compiler, waveform simulator, documentation utility and a
programmer interface. The PLACE editor graphically
illustrates and controls the PEEL™ Array’s architecture,
making the overall design easy to understand, while
allowing the effectiveness of boolean logic equations, state
machine design and truth table entry. The PLACE compiler
performs logic transformation and reduction, making it
possible to specify equations in almost any fashion and fit
the most logic possible in every design. PLACE also
provides a multi-level logic simulator allowing external and
internal signals to be simulated and analyzed via a
waveform display.(See Figures 10a-c)
PEEL™ Array development is also supported by popular
development tools, such as ABEL via Anachip’s PEEL™
Array fitters. A special smart translator utility adds the
capability to directly convert JEDEC files for other devices
into equivalent JEDEC files for pin-compatible PEEL™
Arrays.
Programming
PEEL™ Arrays are EE-reprogrammable in all package
types, plastic-DIP, PLCC and SOIC. This makes them an
ideal development vehicle for the lab. EE -
reprogrammability is also useful for production, allowing
unexpected changes to be made quickly and without



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com