Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9550D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9550D
Description  2-bit I2C LED driver with programmable blink rates
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9550D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9550D Datasheet HTML 5Page - NXP Semiconductors PCA9550D Datasheet HTML 6Page - NXP Semiconductors PCA9550D Datasheet HTML 7Page - NXP Semiconductors PCA9550D Datasheet HTML 8Page - NXP Semiconductors PCA9550D Datasheet HTML 9Page - NXP Semiconductors PCA9550D Datasheet HTML 10Page - NXP Semiconductors PCA9550D Datasheet HTML 11Page - NXP Semiconductors PCA9550D Datasheet HTML 12Page - NXP Semiconductors PCA9550D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Philips Semiconductors
Product data
PCA9550
2-bit I2C LED driver with programmable blink rates
2003 May 02
9
Programming example
The following example will show how to set LED0 to blink at 1 Hz at
a 50% duty cycle. LED1 will be set to blink at 4 Hz, 25% duty cycle.
Table 1.
I2C-bus
Start
S
PCA9550 address with A0 = LOW
COh
PSC0 subaddress + auto-increment
11h
Set prescaler PSC0 to achieve a period of 1 second:
Blink period
+ 1 + PSC0 ) 1
38
PSC0 = 37
25h
Set PWM0 duty cycle to 50%:
256 – PWM0
256
+ 0.5
PWM0 = 128
80h
Set prescaler PCS1 to achieve a period of 0.25
seconds:
Blink period
+ 0.25 + PSC1 ) 1
38
PSC1 = 9
09h
Set PWM1 output duty cycle to 25%:
256 – PWM1
256
+ 0.25
PWM1 = 192
C0h
Set LED0 to PWM0 and set LED1 to blink at PWM1
OEh
Stop
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com