Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9550DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9550DP
Description  2-bit I2C LED driver with programmable blink rates
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9550DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9550DP Datasheet HTML 8Page - NXP Semiconductors PCA9550DP Datasheet HTML 9Page - NXP Semiconductors PCA9550DP Datasheet HTML 10Page - NXP Semiconductors PCA9550DP Datasheet HTML 11Page - NXP Semiconductors PCA9550DP Datasheet HTML 12Page - NXP Semiconductors PCA9550DP Datasheet HTML 13Page - NXP Semiconductors PCA9550DP Datasheet HTML 14Page - NXP Semiconductors PCA9550DP Datasheet HTML 15Page - NXP Semiconductors PCA9550DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Philips Semiconductors
Product data
PCA9550
2-bit I2C LED driver with programmable blink rates
2003 May 02
12
+10%
0%
-10%
-20%
-30%
-40%
PERCENT
VARIATION
TEMPERATURE
(
°C)
-40
+20%
0
+25
+70
+85
MAX
AVG
MIN
SW01085
Figure 15. Typical frequency variation over process at VDD = 2.3 V to 3.0 V
+10%
0%
-10%
-20%
-30%
-40%
PERCENT
VARIATION
TEMPERATURE
(
°C)
-40
+20%
0
+25
+70
+85
MAX
AVG
MIN
SW01086
Figure 16. Typical frequency variation over process at VDD = 3.0 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com